PART |
Description |
Maker |
0022285123 22-28-5123 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 12 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 12 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tail Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
0757571181 75757-1181 |
3.50mm (.138) Pitch, MX150 Header, Breakaway, Vertical, 16 Circuits, 2.5μm (100μ) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length 3.50mm (.138) Pitch, MX150?/a> Header, Breakaway, Vertical, 16 Circuits, 2.5μm (100μ) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length 3.50mm (.138) Pitch, MX150垄芒 Header, Breakaway, Vertical, 16 Circuits, 2.5楼矛m (100楼矛) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length
|
Molex Electronics Ltd.
|
0022284117 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 11 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320) 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 11 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
|
Molex Electronics Ltd.
|
0022284205 22-28-4205 A-42375-0265 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 20 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295) 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 20 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295)
|
Molex Electronics Ltd.
|
0022284115 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 11 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295) 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 11 Circuits, 0.38楼矛m (15楼矛) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295)
|
Molex Electronics Ltd.
|
22-28-4027 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 2 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320) 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 2 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320)
|
Molex Electronics Ltd.
|
0022284126 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 12 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240) 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 12 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
|
Molex Electronics Ltd.
|
0702871200 70287-1200 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with RetentionPin, 12 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective 2.54mm (.100") Pitch C-Grid垄莽 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 12 Circuits, 6.10mm (.240") Mating Pin Length, 0.76楼矛m (30楼矛") Gold (Au)
|
Molex Electronics Ltd.
|
0022285154 42375-0470 A-42375-0470 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 15 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tail 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 15 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
|
Molex Electronics Ltd.
|
0702871209 70287-1209 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with RetentionPin, 30 Circuits, 6.10mm (.240) Mating Pin Length, 0.76μm (30μ) Gold (Au) Selective 2.54mm (.100") Pitch C-Grid垄莽 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 30 Circuits, 6.10mm (.240") Mating Pin Length, 0.76楼矛m (30楼矛") Gold (Au)
|
Molex Electronics Ltd.
|
22-28-5028 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 2 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295), with Kinked PC Tails 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 2 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295), with Kinked PC Tails
|
Molex Electronics Ltd.
|
|